Part Number Hot Search : 
VSKDS403 SBL10 KBP02 MH1362 SS69R KA558 4ALVCH16 09SH3
Product Description
Full Text Search
 

To Download MS32612R2ML Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SPECIFICATION FOR APPROVAL
REF : PROD. NAME PAGE: 1
MULTILAYER CHIP INDUCTOR
ABC'S DWG NO. ABC'S ITEM NO.
MS3261L-
CONFIGURATION & DIMENSIONS
A
D
D
C
I B
G
I
( PCB Pattern )
Unit : m/m C D 0.600.40 G 2.2 H 1.4 I 1.1
Series MS3261
A 3.200.20
B 1.600.20
1.100.20
SCHEMATIC DIAGRAM
MATERIALS
aBodyFerrite bInternal conductorSilver or Ag / Pd cTerminalCu/Sn dRemarkProducts comply with RoHS' requirements
a
b
H c
GENERAL SPECIFICATION
aStorage temp.-40---- +105 bOperating temp.-55 ---- +125 cTerminal storength F Type MS3261 dSolderability Solder : Sn96.5 / Ag3 / Cu0.5 or equivalent Solder temp. : 2605 Flux : Rosin Dip time : 41 seconds AR-001A F ( kgf ) 1.0 time ( sec ) 305
Temperature ( ) 250
50sec max.
Peak Temp260 max. Max time above 230 50sec max. Max time above 200 70sec max.
Temperatu re Rising Area +4.0 / sec max. Preheat Area 150 ~ 200 / 60 ~ 120sec Reflow Area +2.0 ~ 4.0 / sec max. Forced Coo ling Area -(1 .0 ~ 5.0) / sec max.
Peak Temperature: 260 230
200 150
70sec max.
100 50
0
50
100
150 Time ( seconds )
200
250
SPECIFICATION FOR APPROVAL
REF : PROD. NAME PAGE: 2
MULTILAYER CHIP INDUCTOR
ABC'S DWG NO. ABC'S ITEM NO.
MS3261L-
ELECTRICAL CHARACTERISTICS
DWG No. MS326147NML - MS326168NML - MS3261R10ML - MS3261R12ML - MS3261R15ML - MS3261R18ML - MS3261R22ML - MS3261R27ML - MS3261R33ML - MS3261R39ML - MS3261R47ML - MS3261R56ML - MS3261R68ML - MS3261R82ML - MS32611R0ML - MS32611R2ML - MS32611R5ML - MS32611R8ML - MS32612R2ML - MS32612R7ML - MS32613R3ML - MS32613R9ML - MS32614R7ML - MS32615R6ML - MS32616R8ML - MS32618R2ML - MS3261100ML - Inductance ( H ) 0.04720% 0.06820% 0.10020% 0.12020% 0.15020% 0.18020% 0.22020% 0.27020% 0.33020% 0.39020% 0.47020% 0.56020% 0.68020% 0.82020% 1.00020% 1.20020% 1.50020% 1.80020% 2.20020% 2.70020% 3.30020% 3.90020% 4.70020% 5.60020% 6.80020% 8.20020% 10.00020% Q min 20 20 20 20 20 20 20 20 20 25 25 25 25 25 45 45 45 45 45 45 45 45 45 50 50 50 50 Test Freq. (MHz) 50 50 25 25 25 25 25 25 25 25 25 25 25 25 10 10 10 10 10 10 10 10 10 4 4 4 2 SRF ( MHz ) min. 320 280 235 220 200 185 170 150 145 135 125 115 105 100 75 65 60 55 50 45 41 38 35 32 29 26 24 RDC () max 0.15 0.25 0.25 0.30 0.30 0.40 0.40 0.50 0.60 0.50 0.60 0.70 0.80 0.90 0.40 0.50 0.50 0.50 0.60 0.60 0.70 0.80 0.90 0.70 0.80 0.90 1.00 IDC ( mA ) max 300 300 250 250 250 250 250 250 250 200 200 150 150 150 100 100 50 50 50 50 50 50 50 25 25 25 25
1). Packaging Information... ABulk BTaping Reel 2)."-
":Reference code
AR-001A
SPECIFICATION FOR APPROVAL
REF : PROD. NAME ABC'S DWG NO. PAGE: 3
MULTILAYER CHIP INDUCTOR
ABC'S ITEM NO.
MS3261L-
CURVE
AR-001A
SPECIFICATION FOR APPROVAL
REF : PROD. NAME PAGE: 4
MULTILAYER CHIP INDUCTOR
ABC'S DWG NO. ABC'S ITEM NO.
MS3261L-
PACKAGING INFORMATION
( 1 ) Configuration T
Cover Tape
2.00.5 A N C C B
G
D
Embossed Cappier
Carrier tape width : D P:4 m/m End 4 m/m Start
Leader no component 200 m/m Min.
Components User direction of feed
Trailer no component 400 m/m Min.
( 2 ) Dimensions Style 07 - 08 A 178 B 210.8 C 13 D 8 G 10 +0 N 50 -0
Unit:m/m T 12.5
( 3 ) Q'TY & G.W. Per package Inner : Reel Series MS3261
Q'TY (pcs) G.W. (gw) Style Q'TY (pcs)
Outer : Carton
G.W. (Kg) Size (cm)
3,000
150
07 - 08
120,000
8.5
41 x 39 x 22
AR-001A
SPECIFICATION FOR APPROVAL
REF : PROD. NAME PAGE: 5
MULTILAYER CHIP INDUCTOR
ABC'S DWG NO. ABC'S ITEM NO.
MS3261L-
( 4 ) TYPE DIMENSIONS
1.750.1 (0.0690.004)
Fig 2.
1.550.05 40.1 20.05 (0.1570.004) (0.0790.002) (0.0610.002)
0.230.1(0.004)
F0.05 (0.002)
B0.1(0.004)
W0.2 (0.008)
P0.1 (0.004)
A0.1 (0.004)
T0.1(0.004)
Unit:m/m Type MS3261 A 1.88 B 3.50 F 3.50 P 4.0 T 1.27 W 8.0 Fig 2
AR-001A
SPECIFICATION FOR APPROVAL
REF : PROD. NAME PAGE: 6
MULTILAYER CHIP INDUCTOR
ABC'S DWG NO. ABC'S ITEM NO.
MS3261L-
DWGING NUMBER EXPRESSION
M
S
3
2
6
1 Reference code Appendix code 2 : Package Appendix code 1 : Classification Tolerance code Electrical code Dimension code Type code
Appendix code 1Product Classification LLead Free Standard products comply with RoHS' requirements 1 ~ 9Lead Free Special products comply with RoHS' requirements
Appendix code 2Package Information
Code A B
Inner package T.B.D. T / R ( Reel package )
Inner package Q'TY T.B.D. 3000 pcs
Remark
AR-001A


▲Up To Search▲   

 
Price & Availability of MS32612R2ML

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X